Part Number Hot Search : 
3EZ190 C438C40P 855693 05K789 D1749 3055L HZ11HB2 R1016
Product Description
Full Text Search
 

To Download FH12-20S-05SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12 Series
Flip-lock
sFeatures
1. Ease of Use and Space Savings
Only one finger or 6.9N (Newtons) of force is required to lock Hirose's rotational actuator (flip-lock) as compared to using 2 fingers and 39.2N to close a FFC/FPC connector from our competition. The Flip-Lock design also allows customers to place 2 or more connectors side by side as there is no need to waste additional board space for a side latch.
Rotating One-touch Mechanism
q
2. Strengthened Flip-lock Actuator
The standard Flip-Lock requires only 2.0mm height above the board. A strengthened lock lever is available which only requires an additional 0.4mm.
w
3. Supports Thin FPC (0.18mm)
Hirose does not require double-sided FPC to have any additional strengthening plate or stiffener and can therefore support a thickness of as little as 0.18mm +/- 0.05.
4. Hirose Ensures Reliability
Hirose's patented half tuning fork contacts maintain the required normal force without relying on the connector housing. With our competitor's conventional products the housing walls support the contact force, which does not provide for long-term reliability.
e
5. Prevention of Solder Bridge
Excess solder cavity absorbs excessive solder and avoids solder bridging.
6. Three different assembly types
FH12 is offered in Top & Bottom Contact and Vertical Mount and offered in both a 0.5mm contact pitch as well as a 1.0mm contact pitch (bottom contact only).
sApplications
Notebook computers, printers, PDAs, digital cameras and other compact devices for interconnecting the main circuit board with the LCD, HDD or other device.
6
sProduct Specifications
Current rating: 0.4A DC Operating Temperature Range:_40 to +70c (Note 1) Storage Temperature Range:_10 to +50c (Note 2) Rating Voltage rating: 50V AC Operating Humidity Range:Relative humidity, 90% max. Storage Humidity Range:Relative humidity, 90% max. (Not dewed) Applicable FPC Item 1. Insulation resistance 2. Withstanding voltage 3. Contact resistance 4. Durability (Insertion/withdrawal) 5. Vibration t=0.30.05 Tin-lead plating(Note 3) Specification 500M ohms minimum No flashover or insulation breakdown. 50m ohms maximum Contact resistance: 50m ohms maximum No damage, cracks, or parts dislocation. No electrical discontinuity of 1s or more Contact resistance: 50m ohms maximum. No damage, cracks, or parts dislocation. No electrical discontinuity of 1s or more Contact resistance: 50m ohms maximum. No damage, cracks, or parts dislocation. t=0.18 0.05 for FH12F-*S-0.5SH Conditions 100V DC 150V AC/1 minute 1mA 20 cycles Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. 96 hours at temperature of 40c and humidity of 90% to 95% 5 cycles under conditions as follows; Temperature: -40c / 15 to 35c / 85c / 15 to 35c, Time: 30 / 5 max. / 30 / 5 max.(minutes) (Not dewed)
6. Shock
Contact resistance: 50m ohms maximum. 7. Humidity(Steady state) Insulation resistance: 50M ohms minimum. No damage, cracks, or parts dislocation. 8. Temperature Cycle 9.Resistance to Soldering heat Contact resistance: 50m ohms maximum. Insulation resistance: 50M ohms minimum. No damage, cracks, or parts dislocation.
No deformation of Reflow: At the recommended temperature profile Manual soldering: 3505c for 3 seconds components affecting performance. Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers nonconducting condition of installed connectors in storage, shipment or during transportation. Note 3: When FPC is gold plated, the connector contacts should be also gold plated: Select the (05) specification.
sMaterial
Part Insulator Contact Macal Fittings Material Polyamide PPS Phosphor bronze Brass Finish Color : Beige Color : Dark brown Tin-lead plating Tin-lead plating Remarks UL94V-0 -------
sOrdering Information
FH12
q
A - 10 (4) - S A - 0.5 SH (05)
w e r t y u i o t Contact alignment: Single y Eccentric direction: Blank : standard type A : Eccentric type u Contacts Pitch : 0.5mm, 1mm i Contact type SH : SMT horizontal mounting type SV : SMT vertical mounting type o Plating specification Blank : Tin-lead plating (05) : Gold plating
q Series Name : FH12 w Blank : standard type A : Top contact type S : Type with strengthed flip-lock actuator F : Type with 0.18mm FPC End Thickness e Standard type : Number of contacts Eccentric type : Number of contacts in 0.5mm housing r Standard type : Blank Eccentric type : Number of contacts
7
BSeries Configuration
Pitch Bottom Contact Type Top Contact Type Vertical mounting Type
FPC conductive surface
FPC conductive surface (bottom side)
FH12- ** S-0.5SH
P.12
Number of contacts 6, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20,
0.5mm
22, 24, 25, 26, 28, 30, 32, 33, 34, 36, 40, 45, 50, 53
Type with Strengthened Lock Lever FH12S- ** S-0.5SH
P.13
Number of contacts 30, 40, 45, 50, 53
Type with 0.18mm FPC End Thickness
FH12A- ** S-0.5SH
FH12F- ** S-0.5SH
P.14 Number of contacts 6, 10, 12, 13, 14, 15, 16, 18, 20, 22, 24, 26, 28, 30, 32, (33), 34, 36, 40
P.15
FH12- ** S-0.5SV
P.16
Number of contacts 10, 12 ,15, 16, 18, 20, 22, 24, 26, 28, 29, 30, 32, 33, 34, 36, 40, 42, 45, 50
Number of contacts 10, 12, 13, 15, 16, 17, 18, 20, 22, 24, 26, 30, 32, 33, 34, 36, 40, 45, 49, 50
FPC conductive surface (bottom side)
1mm
Standard FH12- ** S-1SH Standard
Number of contacts 5, 6, 7, 8, 9, 11, P.18
Eccentric FH12- ** (**) S-1SH
16, 22, 26 Eccentric
Number of contacts 4, 6, 8, 10, 11,
FH12- ** S-1SV
24
P.19
Number of contacts 6, 7, 8, 16, 20, 22,
14, 19, 24
8
BConnector Operating Instructions, precautions and recommendations qBottom Contact Type (common for 0.5mm/1mm)
Operation Precautions
1) Avoid grasping the actuator with two fingers or lifting the actuator with fingernail.
1. FPC/FFC Termination procedure. Connector installed on the board.
1) Lift up the actuator. Use thumb or index finger.
2) Rotate down the actuator until firmly closed. It is critical that the inserted FPC/FFC is not moved and remains fully inserted. Should the FPC/FFC be moved, open the actuator and repeat the process, starting with Step 1 above.
2) Fully insert the FPC/FFC parallel to mounting surface, with the exposed conductive traces facing down.
Stiffener
FPC/FFC conductive traces
2. FPC/FFC Removal
1) Lift up the actuator. 2) Carefully remove the FPC/FFC.
3) Due to the structure of the connectors, they do not have strong resistance to upward pulling; therefore, support the FPC/FFC when a pulling force is applied to it.
9
qTop Contact Type
Operation Precautions
1) Avoid forcing the actuator up or down without the FPC/FFC inserted.
1. FPC/FFC Termination procedure. Connector installed on the board.
1) Lift up the actuator. Use thumb or index finger.
2) Fully insert the FPC/FFC parallel to mounting surface, with the exposed conductive traces facing UP.
rea na rtio nse Ci FP
FPC/FFC conductive traces
2) When closing down the actuator apply equal pressure to both sides of the actuator.
Stiffener
3) Rotate down the actuator until firmly closed. It is critical that the inserted FPC/FFC is not moved and remains fully inserted. Should the FPC/FFC be moved, open the actuator and repeat the process, starting with Step 1 above.
3) Avoid forced pulling of the FPC. Forced pulling will cause the FPC to become disconnected or damaged.
2. FPC/FFC Removal
1) Lift up the actuator. 2) Carefully remove the FPC/FFC.
10
qVertical Mounting Type
Operation Precautions
1) Avoid forcing the actuator up or down without the FPC/FFC inserted.
1. FPC/FFC Termination procedure. Connector installed on the board.
1) Verify that the actuator is positioned upright. If the actuator has rotated to the side, carefully rotate it upright.
Actuator upright
2) Insert the FPC/FFC vertically in the connector slot assuring that the conductive traces of the FPC/FFC are facing away from the actuator.
Stiffener FPC/FFC conductive traces
Sl ot
3) Press down the actuator in the direction shown.
2. FPC/FFC Removal
Rotate the actuator upward and withdraw the FPC/FFC.
11
s0.5mm Pitch Bottom Contact Type
0.5 0.2 0.8 Mated Cross-sectional Diagram
1.2
2
FPC/FFC Contact Surface
2.1 3.1
1.3
4.8 2 2
1.85
4.6 5.6
Unit:mm Part Number FH12-06S-0.5SH FH12-10S-0.5SH FH12-11S-0.5SH FH12-12S-0.5SH FH12-13S-0.5SH FH12-14S-0.5SH FH12-15S-0.5SH FH12-16S-0.5SH FH12-17S-0.5SH FH12-18S-0.5SH FH12-19S-0.5SH FH12-20S-0.5SH FH12-22S-0.5SH FH12-24S-0.5SH FH12-25S-0.5SH FH12-26S-0.5SH FH12-28S-0.5SH Note 2 FH12-30S-0.5SH FH12-32S-0.5SH FH12-33S-0.5SH FH12-34S-0.5SH FH12-36S-0.5SH Note 2 Note 2 Note 2 Note 2 FH12-40S-0.5SH FH12-45S-0.5SH FH12-50S-0.5SH FH12-53S-0.5SH CL No. 586-0582-5 586-0522-3 586-0600-5 586-0704-0 586-0549-0 586-0533-0 586-0523-6 586-0531-4 586-0606-1 586-0530-1 586-0534-2 586-0524-9 586-0532-7 586-0521-0 586-0692-3 586-0576-2 586-0612-4 586-0525-1 586-0681-7 586-0520-8 586-0617-8 586-0526-4 586-0527-7 586-0528-0 586-0529-2 586-0595-7 Number of Contacts 6 10 11 12 13 14 15 16 17 18 19 20 22 24 25 26 28 30 32 33 34 36 40 45 50 53 A 02.5 04.5 05.0 05.5 06.0 06.5 07.0 07.5 08.0 08.5 09.0 09.5 10.5 11.5 12.0 12.5 13.5 14.5 15.5 16.0 16.5 17.5 19.5 22.0 24.5 26.0 B 06.1 08.1 08.6 09.1 09.6 10.1 10.6 11.1 11.6 12.1 12.6 13.1 14.1 15.1 15.6 16.1 17.1 18.1 19.1 19.6 20.1 21.1 23.1 25.6 28.1 29.6 C 07.1 09.1 09.6 10.1 10.6 11.1 11.6 12.1 12.6 13.1 13.6 14.1 15.1 16.1 16.6 17.1 18.1 19.1 20.1 20.6 21.1 22.1 24.1 26.6 29.1 30.6 D 03.57 05.57 06.07 06.57 07.07 07.57 08.07 08.57 09.07 09.57 10.07 10.57 11.57 12.57 13.07 13.57 14.57 15.57 16.57 17.07 17.57 18.57 20.57 23.07 25.57 27.07
Note 1 : Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels. Note 2 : If there is no problem with the connector height, we recommend the type with the strengthened Flip-lock actuator (FH12S-*S-0.5SH). Standard type connector height: 2 mm Connector height of type with strengthened Flip-lock actuator: 2.4 mm
12
s0.5mm Pitch Bottom Contact Type with Strengthened Flip-lock Actuator
A 0.5 ( 0.2 ) Mated Cross-sectional Diagram
1.2
2
0.8
FPC/FFC Contact Surface
( 2.1) ( 3.1 )
( 1.3 )
B C 2.25 2.4
( 4.8 )
D
4.6 5.6
Unit:mm Part Number FH12S-30S-0.5SH FH12S-40S-0.5SH FH12S-45S-0.5SH FH12S-50S-0.5SH FH12S-53S-0.5SH CL No. 586-0667-6 586-0640-0 586-0665-0 586-0642-5 586-0691-0 Number of Contacts 30 40 45 50 53 A 14.5 19.5 22.0 24.5 26.0 B 18.1 23.1 25.6 28.1 29.6 C 19.1 24.1 26.6 29.1 30.6 D 15.57 20.57 23.07 25.57 27.07
Note: Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels.
2
13
s0.5mm Pitch Bottom Contact Type with 0.18mm FPC End Thickness
A 0.5 ( 0.2 ) 0.8
Applicable FPC end thickness : 0.180.05
Mated Cross-sectional Diagram
1.2
2
FPC Contact Surface
(2.15) (3.15)
(1.25)
B C 1.85 2 D
( 4.8 )
4.6 5.6
Unit:mm Part Number FH12F-06S-0.5SH FH12F-10S-0.5SH FH12F-12S-0.5SH FH12F-13S-0.5SH FH12F-14S-0.5SH FH12F-15S-0.5SH FH12F-16S-0.5SH FH12F-18S-0.5SH FH12F-20S-0.5SH FH12F-22S-0.5SH FH12F-24S-0.5SH FH12F-26S-0.5SH FH12F-28S-0.5SH FH12F-30S-0.5SH FH12F-32S-0.5SH FH12F-33S-0.5SH FH12F-34S-0.5SH FH12F-36S-0.5SH FH12F-40S-0.5SH CL No. 586-0672-6 586-0709-4 586-0653-1 586-0629-7 586-0655-7 586-0680-4 586-0673-9 586-0626-9 586-0636-2 586-0630-6 586-0632-1 586-0627-1 586-0643-8 586-0628-4 586-0705-3 -------------------586-0677-0 586-0656-0 586-0635-0 Number of Contacts 6 10 12 13 14 15 16 18 20 22 24 26 28 30 32 33 34 36 40 A 02.5 04.5 05.5 06.0 06.5 07.0 07.5 08.5 09.5 10.5 11.5 12.5 13.5 14.5 15.5 16.0 16.5 17.5 19.5 B 06.1 08.1 09.1 09.6 10.1 10.6 11.1 12.1 13.1 14.1 15.1 16.1 17.1 18.1 19.1 19.6 20.1 21.1 23.1 C 07.1 09.1 10.1 10.6 11.1 11.6 12.1 13.1 14.1 15.1 16.1 17.1 18.1 19.1 20.1 20.6 21.1 22.1 24.1 D 03.57 05.57 06.57 07.07 07.57 08.07 08.57 09.57 10.57 11.57 12.57 13.57 14.57 15.57 16.57 17.07 17.57 18.57 20.57
Note: Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels.
14
s0.5mm Pitch Top Contact Type
A B C 0.5 (0.2) Mated Cross-sectional Diagram FPC/FFC Contact Surface (1.9) (1.45) 2 (1.85) (5)
6.2 D (3.6)
E 1.45 0.85
(0.45) 0.8
2.2
Unit:mm Part Number FH12A-10S-0.5SH FH12A-12S-0.5SH FH12A-15S-0.5SH FH12A-16S-0.5SH FH12A-18S-0.5SH FH12A-20S-0.5SH FH12A-22S-0.5SH FH12A-24S-0.5SH FH12A-26S-0.5SH FH12A-28S-0.5SH FH12A-29S-0.5SH FH12A-30S-0.5SH FH12A-32S-0.5SH FH12A-33S-0.5SH FH12A-34S-0.5SH FH12A-36S-0.5SH FH12A-40S-0.5SH FH12A-42S-0.5SH FH12A-45S-0.5SH FH12A-50S-0.5SH CL No. 586-0550-9 586-0696-4 586-0551-1 586-0552-4 586-0553-7 586-0554-0 586-0686-0 586-0555-2 586-0663-5 586-0725-0 586-0585-3 586-0556-5 586-0687-3 586-0570-6 586-0670-0 586-0662-2 586-0557-8 586-0698-0 586-0558-0 586-0559-3 Number of Contacts 10 12 15 16 18 20 22 24 26 28 29 30 32 33 34 36 40 42 45 50 A 9.1 10.1 11.6 12.1 13.1 14.1 15.1 16.1 17.1 18.1 18.6 19.1 20.1 20.6 21.1 22.1 24.1 25.1 26.6 29.1 B 8.35 9.35 10.85 11.35 12.35 13.35 14.35 15.35 16.35 17.35 17.85 18.35 19.35 19.85 20.35 21.35 23.35 24.35 25.85 28.35 C 4.5 5.5 7.0 7.5 8.5 9.5 10.5 11.5 12.5 13.5 14.0 14.5 15.5 16.0 16.5 17.5 19.5 20.5 22.0 24.5 D 9.5 10.5 12.0 12.5 13.5 14.5 15.5 16.5 17.5 18.5 19.0 19.5 20.5 21.0 21.5 22.5 24.5 25.5 27.0 29.5 E 5.57 6.57 8.07 8.57 9.57 10.57 11.57 12.57 13.57 14.57 15.07 15.57 16.57 17.07 17.57 18.57 20.57 21.57 23.07 25.57
Note 1 : Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels. Note 2 : The design is such that the FPC/FFC protrudes on an upward angle so that other parts can be mounted beneath the PFC/FFC. In view of this, please take note of the gap at the top surface of the connector.
2
15
s0.5mm Pitch Vertical mounting Type
Mated Cross-sectional Diagram ( 0.2 ) 1 ( 0.15) FPC/FFC Contact Surface
1
F A B
0.5
2.5 ( 4.25 ) (1.75 )
0.5
( 4.85 )
0.5 C D E 3.8(Metal )
Part Number FH12-10S-0.5SV FH12-12S-0.5SV FH12-13S-0.5SV FH12-15S-0.5SV FH12-16S-0.5SV FH12-17S-0.5SV FH12-18S-0.5SV FH12-20S-0.5SV FH12-22S-0.5SV FH12-24S-0.5SV FH12-26S-0.5SV FH12-30S-0.5SV FH12-32S-0.5SV FH12-33S-0.5SV FH12-34S-0.5SV FH12-36S-0.5SV FH12-40S-0.5SV FH12-45S-0.5SV FH12-49S-0.5SV FH12-50S-0.5SV
CL No. 586-0560-2 586-0615-2 586-0575-0 586-0561-5 586-0572-1 586-0601-8 586-0573-4 586-0562-8 586-0589-4 586-0563-0 586-0664-8 586-0564-3 586-0699-2 586-0565-6 586-0706-6 586-0641-2 586-0566-9 586-0567-1 586-0602-0 586-0568-4
Number of Contacts 10 12 13 15 16 17 18 20 22 24 26 30 32 33 34 36 40 45 49 50
A 08.4 09.4 09.9 10.9 11.4 11.9 12.4 13.4 14.4 15.4 16.4 18.4 19.4 19.9 20.4 21.4 23.4 25.9 27.9 28.4
B 06.9 07.9 08.4 09.4 09.9 10.4 10.9 11.9 12.9 13.9 14.9 16.9 17.9 18.4 18.9 19.9 21.9 24.4 26.4 26.9
C 04.5 05.5 06.0 07.0 07.5 08.0 08.5 09.5 10.5 11.5 12.5 14.5 15.5 16.0 16.5 17.5 19.5 22.0 24.0 24.5
D 06.5 07.5 08.0 09.0 09.5 10.0 10.5 11.5 12.5 13.5 14.5 16.5 17.5 18.0 18.5 19.5 21.5 24.0 26.0 26.5
E 08.2 09.2 09.7 10.7 11.2 11.7 12.2 13.2 14.2 15.2 16.2 18.2 19.2 19.7 20.2 21.2 23.2 25.7 27.7 28.2
3.6 5.5
(1.4 ) ( 2.15 )
Unit:mm F 4 4 4 4 4 4 4 4 8 8 8 8 8 8 8 8 8 8 8 8
Note 1 : Embossed tape reel packaging (1,000 pieces/reel). Order by number of reels.
16
BRecommended FPC/FFC dimensions and Land/Metal Mask dimensions q0.5mm Pitch Product
FPC/FFC dimensions Land / Metal Mask dimensions
2.20.1 B0.1 C0.1
3.5MIN
4.5MIN
0.50.05 0.50.1 A0.05 B0.07
0.350.03(FPC) 0.30.03(FFC)
C
1.50.1
1.30.1
0.30.03(Land) 0.50.05 A0.05 0.250.03(Metal mask)
0.5mm Pitch Bottom Contact Type
Product Type C Dimension Types other than 0.30.05min those below Stiffener thickness should be 0.188 mm (7.5 mil) min Types with an FPC end 0.180.05 thickness of 0.18 mm Unit: mm
Dimension Number of Contacts Dimension Number of Contacts
Recommended metal mask thickness : 0.15mm
Unit: mm
Dimension Number of Contacts
A 02.5 04.5 05.0 05.5 06.0 06.5 07.0 07.5 08.0 08.5 09.0 09.5 10.5 11.5
B 03.5 05.5 06.0 06.5 07.0 07.5 08.0 08.5 09.0 09.5 10.0 10.5 11.5 12.5
A 12.0 12.5 13.5 14.0 14.5 15.5 16.0 16.5 17.5 19.5 20.5 22.0 24.5 26.0
B 13.0 13.5 14.5 15.0 15.5 16.5 17.0 17.5 18.5 20.5 21.5 23.0 25.5 27.0
A 02.5 04.5 05.0 05.5 06.0 06.5 07.0 07.5 08.0 08.5 09.0 09.5 10.5 11.5
B 08.1 10.1 10.6 11.1 11.6 12.1 12.6 13.1 13.6 14.1 14.6 15.1 16.1 17.1
C 04.5 06.5 07.0 07.5 08.0 08.5 09.0 09.5 10.0 10.5 11.0 11.5 12.5 13.5
Dimension Number of Contacts
A 12.0 12.5 13.5 14.0 14.5 15.5 16.0 16.5 17.5 19.5 20.5 22.0 24.5 26.0
B 17.6 18.1 19.1 19.6 20.1 21.1 21.6 22.1 23.1 25.1 26.1 27.6 30.1 31.6
C 14.0 14.5 15.5 16.0 16.5 17.5 18.0 18.5 19.5 21.5 22.5 24.0 26.5 28.0
0.5mm Pitch Top Contact Type
6 10 11 12 13 14 15 16 17 18 19 20 22 24
25 26 28 29 30 32 33 34 36 40 42 45 50 53
6 10 11 12 13 14 15 16 17 18 19 20 22 24
25 26 28 29 30 32 33 34 36 40 42 45 50 53
Even contact number
A0.1 0.80.1(Land) 0.650.05(Metal mask) No.1 contact 1.50.1 1.80.1 1.80.1
Odd contact number
A0.1 0.80.1(Land) 0.650.05(Metal mask) No.1 contact 1.50.1 0.60.1(Land) B0.05 0.50.05(Metal mask) 10.05
2MIN
3MIN
1.80.1
1.80.1
1.50.1 4.50.1
0.50.05 0.50.1 A0.05 B0.07
0.350.03(FPC) 0.30.03(FFC)
0.30.05
0.50.05 10.05 10.05 B0.05
0.60.1(Land) 0.50.05 0.50.05(Metal mask) 10.05 10.05 10.05
*Set the stiffener thickness to 0.188 (7.5mil) min.
Recommended metal mask thickness : 0.15mm
0.5mm Pitch Vertical Mounting Type
Unit: mm
Dimension Number of Contacts
Unit: mm
Dimension Number of Contacts
A 04.5 05.5 06.0 07.0 07.5 08.0 08.5 09.5 10.5 11.5
B 05.5 06.5 07.0 08.0 08.5 09.0 09.5 10.5 11.5 12.5
Dimension Number of Contacts
A 12.5 14.5 15.5 16.0 16.5 17.5 19.5 22.0 24.0 24.5
B 13.5 15.5 16.5 17.0 17.5 18.5 20.5 23.0 25.0 25.5
A 06.5 07.5 08.0 09.0 09.5 10.0 10.5 11.5 12.5 13.5
B 04.5 05.5 06.0 07.0 07.5 08.0 08.5 09.5 10.5 11.5
Dimension Number of Contacts
A 14.5 16.5 17.5 18.0 18.5 19.5 21.5 24.0 26.0 26.5
10 12 13 15 16 17 18 20 22 24
26 30 32 33 34 36 40 45 49 50
10 12 13 15 16 17 18 20 22 24
26 30 32 33 34 36 40 45 49 50
1.50.1 4.50.1
B 12.5 14.5 15.5 16.0 16.5 17.5 19.5 22.0 24.0 24.5
17
s1mm Pitch Type Bottom Contact Type
2.3 1.0 (0.2) 0.8 A E
Mated Cross-sectional Diagram
1.2
2
FPC/FFC Contact Surface
(2.1) (3.1) (1.3)
B C
(4.8) D 2
1.85
4.6 5.6
Unit:mm Part Number FH12-05S-1SH FH12-06S-1SH
Standard type
CL No. 586-0591-6 586-0607-4 586-0535-5 586-0579-0 586-0540-5 586-0668-9 586-0536-8 586-0547-4 586-0592-9 586-0537-0 586-0538-3 586-0539-6 586-0541-8 586-0542-0 586-0543-3 586-0546-1 586-0548-7
Number of Contacts 5 6 7 8 9 11 16 22 26 4 6 8 10 11 14 19 24
A 04 05 06 07 08 10 15 21 25 03 05 07 09 10 13 18 23
B 08.6 09.6 10.6 11.6 12.6 14.6 19.6 25.6 29.6 08.1 10.1 12.1 14.1 15.1 18.1 23.1 28.1
C 09.6 10.6 11.6 12.6 13.6 15.6 20.6 26.6 30.6 09.1 11.1 13.1 15.1 16.1 19.1 24.1 29.1
D 06.07 07.07 08.07 09.07 10.07 12.07 17.07 23.07 27.07 05.57 07.57 09.57 11.57 12.57 15.57 20.57 25.57
E 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8
FH12-07S-1SH FH12-08S-1SH FH12-09S-1SH FH12-11S-1SH FH12-16S-1SH FH12-22S-1SH FH12-26S-1SH FH12-10(4)SA-1SH FH12-14(6)SA-1SH
Eccentric type
FH12-18(8)SA-1SH FH12-22(10)SA-1SH FH12-24(11)SA-1SH FH12-30(14)SA-1SH FH12-40(19)SA-1SH FH12-50(24)SA-1SH
Note 1: Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels. Note 2: The 1mm version of FH12 is constructed by loading every other contact into the 0.5mm housing. When a housing designed for an odd number of 0.5mm pitch contacts is used; the spacing from the edge to the first contact on either side is the same as the distance between each contact, 1.0mm. Hirose considers this design to be a standard-type 1.0mm connector. Note 2: An eccentric-type connector using a housing designed for an even number of 0.5mm pitch contacts and consequently one side has 1.5mm distance from the edge to the first contact. (See FPC/FFC dimensional drawing on page 19) The part number for the eccentric type describes the size of the 0.5mm housing used and lists the number of 1.0mm pitch contacts in parentheses () as shown in the above table.
18
s1mm Pitch Vertical Mounting Type
Mated Cross-sectional Diagram (0.2) 2 (0.15) FPC/FFC Contact Surface
2
F A B
0.5
2.5 (4.25) (1.75)
0.5
(4.85)
1.0 C D E 3.8( )
3.6 5.5
(1.4) (2.15)
Unit:mm Part Number FH12-06S-1SV FH12-07S-1SV FH12-08S-1SV FH12-16S-1SV FH12-20S-1SV FH12-22S-1SV FH12-24S-1SV CL No. 586-0605-9 586-0610-9 586-0593-1 586-0574-7 586-0634-7 586-0584-0 586-0594-4 Number of Contacts 6 7 8 16 20 22 24 A 09.9 10.9 11.9 19.9 23.9 25.9 27.9 B 08.4 09.4 10.4 18.4 22.4 24.4 26.4 C 05 06 07 15 19 21 23 D 08 09 10 18 22 24 26 E 09.7 10.7 11.7 19.7 23.7 25.7 27.7 F 4 4 4 8 8 8 8
Note: Embossed tape reel packaging (1,000 pieces/reel). Order by number of reels.
19
BRecommended FPC/FFC dimensions and Land/Metal Mask dimensions q1mm Pitch Product
FPC/FFC dimensions Land / Metal Mask dimensions
Set the stiffener thickness to 0.188 (7.5mil) min.
Recommended metal mask thickness : 0.15mm
1mm Pitch Bottom Contact Type
Unit: mm
Dimension Number of Contacts
Unit: mm
Dimension A Number of Contacts
A 04 05 06 07 08 10 15 21 25
B 06 07 08 09 10 12 17 23 27
C 1 1 1 1 1 1 1 1 1
Dimension Number of Contacts
A 03 05 07 09 10 13 18 23
B 05.5 07.5 09.5 11.5 12.5 15.5 20.5 25.5
C 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
B 10.6 11.6 12.6 13.6 14.6 16.6 21.6 27.6 31.6
C 07 08 09 10 11 13 18 24 28
D 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
Dimension A Number of Contacts
B
C
D 2 2 2 2 2 2 2 2
5 6 7 8 9 11 16 22 26
4 6 8 10 11 14 19 24
5 6 7 8 9 11 16 22 26
04 05 06 07 08 10 15 21 25
4 6 8 10 11 14 19 24
03 05 07 09 10 13 18 23
10.1 06.5 12.1 08.5 14.1 10.5 16.1 12.5 17.1 13.5 20.1 16.5 25.1 21.5 30.1 26.5
Eccentric Type
Standard Type
1mm Pitch Vertical Mounting Type
Standard Type
*Set the stiffener thickness to 0.188 (7.5mil) min.
Recommended metal mask thickness : : 0.15mm
Unit: mm
Dimension Number of Contacts
Eccentric Type
Unit: mm
Dimension Number of Contacts
A 05 06 07 15 19 21 23
B 07 08 09 17 21 23 25
A 08 09 10 18 22 24 26
B 05 06 07 15 19 21 23
6 7 8 16 20 22 24
6 7 8 16 20 22 24
20
BPackaging Specification Embossed Carrier Tape Dimensions
Horizontal Type (Common to Bottom/Top Contact, 0.5mm/1mm Pitch)
(2.0)
Flat surface for placement with Automatic equipment
q0.5mm Pitch Bottom/Top Contact Type
Dimension Number of Contacts
Unit:mm A 24 24 32 32 32 32 32 32 44 44 44 44 44 44 B ------------------28.4 28.4 28.4 28.4 28.4 28.4 40.4 40.4 40.4 40.4 40.4 40.4 C 11.5 11.5 14.2 14.2 14.2 14.2 14.2 14.2 20.2 20.2 20.2 20.2 20.2 20.2 D 24.5 24.5 32.5 32.5 32.5 32.5 32.5 32.5 44.5 44.5 44.5 44.5 44.5 44.5
A 16 16 16 24 24 24 24 24 24 24 24 24 24 24
B -------------------------------------------------------------------------------------------------------------------------------
C 07.5 07.5 07.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5
D 16.5 16.5 16.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5
Dimension Number of Contacts
6 10 11 12 13 14 15 16 17 18 19 20 22 24
25 26 28 29 30 32 33 34 36 40 42 45 50 53
Note: 2,000 pieces per reel.
q 1mm Pitch Bottom Contact Type
Dimension Number of Contacts
Unit:mm D 16.5 24.5 Eccentric Type 24.5 24.5 24.5 24.5 32.5 44.5 44.5
Dimension Number of Contacts
A 16 24 24 24 24 24 32 44 44
B ------------------------------------------------------28.4 40.4 40.4
C 07.5 11.5 11.5 11.5 11.5 11.5 14.2 20.2 20.2
A 16 24 24 24 24 32 44 44
B ---------------------------------------------28.4 40.4 40.4
C 07.5 11.5 11.5 11.5 11.5 14.2 20.2 20.2
D 16.5 24.5 24.5 24.5 24.5 32.5 44.5 44.5
5 6 Standard Type 7 8 9 11 16 22 26
4 6 8 10 11 14 19 24
Note: 2,000 pieces per reel.
21
Vertical Mounting Type (Common to 0.5mm/1mm Pitch)
(1.75)
Flat surface for placement with Automatic equipment
q0.5mm Pitch Vertical mounting Type
Dimension Number of Contacts
Unit:mm
Dimension Number of Contacts
A 16 16 24 24 24 24 24 24 24 24
B -------------------------------------------------------------------------------------------
C 07.5 07.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5 11.5
D 16.5 16.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5 24.5
A 24 32 32 32 44 44 44 44 44 44
B ---------28.4 28.4 28.4 40.4 40.4 40.4 40.4 40.4 40.4
C 11.5 14.2 14.2 14.2 20.2 20.2 20.2 20.2 20.2 20.2
D 24.5 32.5 32.5 32.5 44.5 44.5 44.5 44.5 44.5 44.5
10 12 13 15 16 17 18 20 22 24
26 30 32 33 34 36 40 45 49 50
Note: 1,000 pieces per reel.
q1mm Pitch Vertical mounting Type
Dimension Number of Contacts
Unit:mm D 24.5 24.5 24.5 32.5 44.5 44.5 44.5
A 24 24 24 32 44 44 44
B ---------------------------28.4 40.4 40.4 40.4
C 11.5 11.5 11.5 14.2 20.2 20.2 20.2
6 7 8 16 20 22 24
Note: 1,000 pieces per reel.
22
Reel Dimensions (Common to All Types)
End portion
Mounting portion
Lead portion (400mm min.)
Blank portion (10 pockets min.)
Embossed carrier tape
Blank portion (10 pockets min.)
Top cover tape
BRecommended Temperature Profile
HRS test conditions Solder method :Reflow, IR/hot air (Nihon Den-netsu Co., Ltd.'s Part Number: SENSBY NR-2) :Room air :Paste, 63%Sn/37%Pb (Senju Metal Industry, Co., Ltd.'s Part Number: OZ63-201C-50-9) Test board Land dimensions :Glass epoxy 40mm80mm1.6mm thick :Top and bottom contact type 0.3mm1.3mm Metal mask Vertical mounting type 0.6mm1.5mm :Top and bottom contact type 0.25mm1.3mm0.15mm thick Vertical mounting type 0.25mm1.5mm0.15mm thick This temperature profile is based on the above conditions. In individual applications the actual temperature may vary, depending on solder paste type, volume/thickness and board size/thickness. Consult your solder paste and equipment manufacturer for specific recommendations.
Environment: Solder composition
23
BFH12 Series FPC/FFC Construction (Recommended Specifications) 1. FFC FFC : Flexible Flat Cable
Material Name Material Thickness (m)
Hard copper foil with tin plating Adhesive Polyester Adhesive Stiffener Polyester type Polyester type Total Polyester type
35 30 12 30 188 (Note) 295
*Real tolerance of thickness dimension is on the order of 20 m (275 to 315 m) Note: Use of a thicker FFC results in a stiffer lock action and the lock is more easily released. A factor that contributes to thicker FFC is the use of 250 m stiffener which is thicker than the standard (188 m) product. This results in a total thickness of 357 m. When using FFC, control of FFC thickness becomes easy if you indicate to us the thickness of the stiffener.
2. FPC
FPC : Flexible Printed Circuit
Material Name Covering layer film Cover adhesive Surface treatment Copper foil Base adhesive Base film Stiffener Polyamide 1 mil Polyamide 7 mil Total Reinforcement material adhesive Heat-hardened adhesive Tin-lead Cu 1oz Material Polyamide 1 mil Thickness (m) 25 25 5 35 25 25 30 175 295
3. Precautions
1. This specification is a recommendation for the construction of the FH12 Series FPC and FFC (t=0.3 0.05). 2. For details about the construction, please contact the FPC/FFC manufacturers.
24


▲Up To Search▲   

 
Price & Availability of FH12-20S-05SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X